Part Number Hot Search : 
GDP10S04 RKP451KE GCM2165 BC182 2SD2451 EM278310 33186DH NS100
Product Description
Full Text Search
 

To Download MS-138-C-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NEW
Universal Plug connectors for PDC Type Digital Cellular Phones
MQ138 Series
Thin and short cover plug
Short cover plug
sOverview
The universal plug connectors will mate with most PDC type digital cellular phones. The major use of these connectors is for the connections of cellular phones with peripheral equipment. Three out of 16 contacts are removed from the housing for protection purpose of the cellular phones.
Standard cover plug
sFeatures
1. Will interface with NTT DoCoMo, Vodafone and Tu-Ka cellular phones. 2. Variations
Thin and short cover plugs, short cover plugs, and reverse cover plugs are available. Plugs with colors not listed in the catalog can be custom made. Please contact our sales representative for details.
3. Easy Wire Termination
The lock spring and release buttons are incorporated in the outer shell, allowing easy placement of the terminated insulator, strain relief clamp and flexible boot. Example of Connections with Peripheral Equipment
sApplications
PDC type digital cellular phones
PDC digital cellular phone
Notebook PC
MQ138-M-16(13)S-CV
2004.3
1
sSpecifications
Rating Characteristic
11. Contact resistance 12. Insulation resistance 13. Dielectric Withstanding Voltage 14. Lock Strength 15. Mating/un-mating forces 16. Durability (mating/un-mating) 17. Vibration 18. Shock Current rating Voltage rating 1A 100V AC Operating temperature range -55c to +80c (Note 1)
Specification
30 m ohms max. 1000 M ohms min. No flashover or insulation breakdown. No damage, cracks, or parts dislocation. Mating : 29.4N max. Contact resistance: 50 m ohms max. No damage, cracks or parts dislocation. No electrical discontinuity of 10E sec. max. Contact resistance: 50 m ohms max. No damage, cracks, or parts dislocation.
Conditions
10 mA (DC or 1000 Hz) 250 V DC 350 V AC / one minute Pull force: 30N max. With corresponding connector. 5000 cycles Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours, 3 axis. Acceleration of 490 m/s2, 11 ms duration, sine half-wave waveform, 3 cycles in each of the 3 axis. Temperature : -55c +5c to +35c +85c +5c to +35c Time (Minutes) : 30 5 30 5 5 cycles 96 hours at temperature of 40c and humidity of 90% to 95%
Contact resistance: 50 m ohms max. 19. Temperature cycle Insulation resistance: 1000 M ohms min. No damage, cracks, or parts dislocation. Contact resistance: 50 m ohms max. Insulation resistance: 10 M ohms min. 10. Humidity No damage, cracks, or parts dislocation. Contact resistance: 50 m ohms max. 11. Salt Spray No corrosions 12. Solderability
5% salt water solution for 48 hours
No deformation of the insulator parts affecting form, fit or Soldering temperature: 280c to 300c function. Recommended solder immersion time: 4 seconds max.
Note: Includes temperature rise caused by current flow.
sMaterials
Component
Insulator Female contacts Cover Lock Push Button Lock spring
Material
Polyamide Copper alloy Polycarbonate or ABS Thermoplastic compound Stainless steel
Finish
Color: Black or Brown Gold plating Color: Black (Note1) Color: Light gray -------------------
Remarks
UL94V-0 -------------------------------------------------------------------------
Note1: Outer shells available in various colors. Refer to page 3.
sOrdering Information
MQ138 T - M - 16 (13) S - CV
1 1 Series name 2 Plug length
Blank T S : Standard : Thin and Short : Short M :Universal Plug
2
3
4
: MQ138 Series
5
6 4 Number of contact 5 Contact type 6 Plug type
CV CVR : Standard type : Reverse type 13 S: Female contact
3 Connector type
2
sThin and short cover type
5.4) 4.2)
(20)
5.4
(10.5)
5
17.5
(16) 18.9 20.4
4.8
Color of outer housings
Gray Ivory White
Part Number
MQ138T-M-16(13)S-CV MQ138T-M-16(13)S-CV(03)
CL No.
CL206-2252-9 CL206-2252-9-03
No.7
No.1
No.15
No.9
sShort cover type
(O 5)
(R 5)
(25)
7
(2.2)
(14)
(17) (18.9) 23 No.7 No.1
No.15
No.9
Marking
Cover Color Gray
Part Number MQ138S-M-16(13)S-CV1 MQ138S-M-16(13)S-CV1(01) MQ138S-M-16(13)S-CV1(02) MQ138S-M-16(13)S-CV1(03) MQ138S-M-16(13)S-CV2 MQ138S-M-16(13)S-CV2(01) MQ138S-M-16(13)S-CV2(02) MQ138S-M-16(13)S-CV2(03) MQ138S-M-16(13)S-CV MQ138S-M-16(13)S-CV(01) MQ138S-M-16(13)S-CV(03)
CL No. CL206-2157-8 CL206-2157-8-01 CL206-2157-8-02 CL206-2157-8-03 CL206-2191-6 CL206-2191-6-01 CL206-2191-6-02 CL206-2191-6-03 CL206-2192-9 CL206-2192-9-01 CL206-2192-9-03
BRemarks[Thin and short cover plugs and Short cover plugs]
1 Thin and short cover plugs, and short cover plugs will not accept coaxial connectors. Use standard cover plugs for installing coaxial connectors. 2 The short cover plugs will not be supplied with the cable bushing. The cable bushing needs to be integrately molded to the cable. Refer to the customer drawing for recommended dimensions. 3 Power contacts are removed from the housing.
NTT DoCoMo
Black Light Gray Ivory White
Vodafone or Tu-Ka
Gray Black Light Gray Ivory White Gray
No marking
Black Ivory White
5
19.5
3
sStandard cover type
(O 7. 4)
(16)
(R 3)
10
(3)
(14)
(17) (18.9) 23
Connector type
Standard type Reverse type
Part Number
MQ138-M-16(13)S-CV MQ138-M-16(13)S-CVR
CL No.
CL206-0749-6 CL206-2031-0
No.7
No.1
No.15
No.9
sCable bushing(For standard cover only)
sStandard cover type
D E
5
32
C B
A
Cable Dia.
4mm 4.8mm 5.2mm
Part Number
MQ138-BS 4.0)(01) MQ138-BS 4.8)(01) MQ138-BS 5.2)(01)
CL No.
CL206-0890-4-01 CL206-0683-0-01 CL206-0662-0-01
Option
A B C D E
Plug Strain Relief Clamp Flexible Boot Label Coaxial contact
sClamp
sCoaxial contact
Cable Dia.
4mm 4.8mm 5.2mm
Part Number
MQ138-CM(4.0) MQ138-CM(4.8) MQ138-CM(5.2)
CL No.
CL206-0891-7 CL206-0684-2 CL206-0664-5
sLabel
Applicable cable
Coaxial/signal combined cable
Part Number
MS-138-C(P)-1 MS-138-C(P)-1 MS-138-C(P)-2
CL No.
CL358-0088-3 CL358-0100-7 CL358-0101-0
Part Number
MQ138-M-LABEL
CL No.
CL206-0769-3
1.5D-2W 0.8D-2W
5-23,OSAKI 5-CHOME,SHINAGAWA-KU,TOKYO 141-8587,JAPAN PHONE: 81-3-3491-9741, FAX: 81-3-3493-2933 http://www.hirose.com http://www.hirose-connectors.com
The contents of this catalog are current as of date of publication. Contents are subject to change without notice for the purpose of improvements.
4


▲Up To Search▲   

 
Price & Availability of MS-138-C-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X